PART |
Description |
Maker |
PL330-TOOLARGE PL30-TOOLARGE PLPA330-TOOLARGE PL33 |
CABLE TERMINATED, MALE, TNC CONNECTOR, CRIMP, PLUG TWINAXIAL CONNECTOR, PLUG
|
TROMPETER ELECTRONICS INC
|
15-83-0516 |
Connector; No. of Contacts:16; Pitch Spacing:0.05"; No. of Rows:1; Mounting Type:Cable; Gender:Plug 16 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Molex, Inc.
|
2948-12-0 2484-0 2948-24-0 3014-24-0 3014-12-2 427 |
Connector Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:12"; Color:Black; Contact Material:Brass; Current Rating:15A RoHS Compliant: Yes INTERCONNECTION DEVICE Retractile Cable Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:4ft RoHS Compliant: Yes INTERCONNECTION DEVICE Connector assemblies, Test; Connector Type A:Banana Plug; Connector Type B:Banana; Cable Length:36"; Color:Black; Contact Material:Copper; Operating Temp. Max:55 C; Wire Size (AWG):12
|
Pomona Electronics
|
35150-0614 35150-0610 |
1.80MM W/W PLUG 6CKT 351500614 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, PLUG 1.8MM SEC.LOCK REC HSNG 351500610 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
500027-3041 500027-8041 500027-4041 |
0.4 B/B Plug MoldLock30CktEmbsTpPkg 30 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG 0.4 B/B Plug MoldLock80CktEmbsTpPkg 80 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG 0.4 B/B Plug MoldLock40CktEmbsTpPkg
|
Molex, Inc. MOLEX INC
|
M2S56D20AKT-75 M2S56D30AKT-75 M2S56D40AKT-75 M2V56 |
JT 13C 13#22D SKT GRND PLUG Circular Connector; No. of Contacts:5; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-5 RoHS Compliant: No JT 6C 6#22D SKT PLUG 256M Double Data Rate Synchronous DRAM 256M双数据速率同步DRAM
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
74139-5030 74139-5060 |
1.27mm (.050") Pitch EBBI(TM) 50D Plug, Surface Mount, Vertical, 30 Circuits, 3.00mm (.118") Retention Clip 30 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG 60CKT EBBI VERT SMT PLUG 60 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
DB-25P-F179TI DBUE-25SAD DBUE-25PFOTI |
25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, WIRE WRAP, PLUG 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER, SOCKET 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, CRIMP AND POKE, PLUG
|
CINCH CONNECTORS
|
CLM5205 CLM5205M CLM5205M-285 CLM5205M-30 CLM5205M |
Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-41 150mA低噪声LDO稳压 Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 PTCE 41C 41#20 PIN PLUG PTCE 32C 32#20 SKT PLUG 150mA Low-Noise LDO Voltage Regulator
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
90075-0139 |
PLUG 8/8 REEL 900750139 8 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Molex, Inc.
|
03-09-1064 03-09-2061 03-09-6061 03-09-7062 |
Circular Connector; Series:1261R; Gender:Female; Number of Contacts:6 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN PLUG 6POS .093 PANEL MOUNT 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, PLUG 093 Pwr Conn Rcpt Black Ears/Lk 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|